Part Number Hot Search : 
MV3507DG 74HC54 IRLI530N N6068 718VZM PC4004D IRGC2 06300
Product Description
Full Text Search
 

To Download R8002ANX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  10v drive nch mosfet R8002ANX ? structure ? dimensions (unit : mm) silicon n-channel mosfet ? features 1) low on-resistance. 2) low input capacitance. 3) high esd. ? application switching ? packaging specifications ? inner circuit package bulk code - basic ordering unit (pieces) 500 R8002ANX ? ? absolute maximum ratings (ta = 25 ? c) symbol limits unit drain-source voltage v dss 800 v gate-source voltage v gss ? 30 v continuous i d ? 2a pulsed i dp ? 8a continuous i s 2a pulsed i sp 8a avalanche current i as 1a avalanche energy e as 0.265 mj power dissipation p d 35 w channel temperature t ch 150 ? c range of storage temperature t stg ? 55 to ? 150 ? c *1 pw ? 10 ? s, duty cycle ? 1% *2 l 500 ? h, v dd =50v, r g =25 ? , t ch =25c *3 limited only by maximum channel temperature allowed. *4 t c =25c ? thermal resistance symbol limits unit channel to case r th (ch-c) 3.57 ? c / w parameter type source current (body diode) drain current parameter *1 *1 to-220fm 4.5 2.8 0.75 3.2 ( 2 )( 3 )( 1 ) 0.8 2.54 2.6 2.54 1.3 1.2 14.0 12.0 8.02.5 10.0 15.0 (1) gate (2) drain (3) source ? 1 body diode *2 *2 *3 *4 *3 (1) (3) (2) ?1 (1) gate (2) drain (3) source 1/6 2011.10 - rev.a data sheet www.rohm.com ? 2011 rohm co., ltd. all rights reserved.
R8002ANX ? electrical characteristics (ta = 25 ? c) symbol min. typ. max. unit gate-source leakage i gss -- ? 100 na v gs = ? 30v, v ds =0v drain-source breakdown voltage v (br)dss 800 - - v i d =1ma, v gs =0v zero gate voltage drain current i dss - - 100 ? av ds =800v, v gs =0v gate threshold voltage v gs (th) 3.0 - 5.0 v v ds =10v, i d =1ma forward transfer admittance l y fs l 0.5 - - s v ds =10v, i d =1.0a input capacitance c iss - 210 - pf v ds =25v output capacitance c oss - 130 - pf v gs =0v reverse transfer capacitance c rss - 14 - pf f=1mhz turn-on delay time t d(on) - 17 - ns v dd 400v, i d =1.0a rise time t r - 20 - ns v gs =10v turn-off delay time t d(off) - 33 - ns r l =400 ? fall time t f - 70 - ns r g =10 ? total gate charge q g - 12.7 - nc v dd 400v gate-source charge q gs - 2.7 - nc i d =2.0a gate-drain charge q gd - 4.3 - nc v gs =10v *pulsed ? body diode characteristics (source-drain) symbol min. typ. max. unit forward voltage v sd - - 1.5 v i s =2.0a, v gs =0v *pulsed 4.3 parameter conditions conditions ? parameter static drain-source on-state resistance r ds (on) i d =1.0a, v gs =10v - 3.3 * * * * * * * * * * 2/6 2011.10 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
R8002ANX ? electrical characteristic curves (ta=25 ? c) 0 0.1 0.2 0.3 0.4 0.5 0 0.2 0.4 0.6 0.8 1 drain current : i d [a] drain - source voltage : v ds [v] fig.1 typical output characteristics ( ) v gs =5.5v v gs =10.0v v gs =7.0v v gs =8.0v v gs =6.0v v gs =6.5v v gs =5.0v t a =25 c pulsed 0 0.5 1 1.5 2 0 1 2 3 4 5 6 7 8 9 10 drain current : i d [a] drain - source voltage : v ds [v] fig.2 typical output characteristics ( ) v gs =6.0v v gs =10.0v v gs =8.0v v gs =6.5v v gs =7.0v v gs =5.5v v gs =5.5v t a =25 c pulsed 0.001 0.01 0.1 1 10 2.0 3.0 4.0 5.0 6.0 7.0 8.0 drain currnt : i d [a] gate - source voltage : v gs [v] fig.3 typical transfer characteristics v ds =10v pulsed t a =125 c t a =75 c t a =25 c t a = - 25 c 2 3 4 5 6 -50 0 50 100 150 gate threshold voltage : v gs(th) [v] channel temperature : t ch [ ] fig.4 gate threshold voltage vs. channel temperature v ds =10v i d =1ma pulsed 0 1 2 3 4 5 6 7 8 9 -50 0 50 100 150 static drain - source on - state resistance : r ds(on) [ ] channel temperature : t ch [ ] fig.6 static drain - source on - state resistance vs. channel temperature v ds =10v pulsed i d =1a i d =2a 0.1 1 10 100 0.01 0.1 1 10 static drain - source on - state resistance r ds(on) [ ] drain current : i d [a] fig.5 static drain - source on - state resistance vs. drain current v gs =10v pulsed t a =125 c t a =75 c t a =25 c t a = - 25 c 3/6 2011.10 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
R8002ANX 0 2 4 6 8 10 0 5 10 15 20 25 30 static drain - source on - state resistance r ds(on) [ ] gate - source voltage : v gs [v] fig.7 static drain - source on - state resistance vs. gate - source voltage i d =2.0a i d =1.0a t a =25 c pulsed 0.001 0.01 0.1 1 10 0.001 0.01 0.1 1 10 forward transfer admittance y fs [s] drain current : i d [a] fig.8 forward transfer admittance vs. drain current v ds =10v pulsed t a =125 c t a =75 c t a =25 c t a = - 25 c 0.01 0.1 1 10 0.0 0.5 1.0 1.5 source current : is [a] source - drain voltage : v sd [v] fig.9 source current vs. source - drain voltage v gs =0v pulsed t a =125 c t a =75 c t a =25 c t a = - 25 c 1 10 100 1000 10000 0.01 0.1 1 10 100 1000 capacitance : c [pf] drain - source voltage : v ds [v] fig.10 typical capacitance vs. drain - source voltage t a =25 c f=1mhz v gs =0v c iss c oss c rss 1 10 100 1000 10000 0.01 0.1 1 10 switching time : t [ns] drain current : i d [a] fig.11 switching characteristics t d(on) t r t d(off) t f v dd P 400v v gs =10v r g =10 t a =25 c pulsed 0 2 4 6 8 10 12 0 5 10 15 20 gate - source voltage : v gs [v] total gate charge : q g [nc] fig.12 dynamic input characteristics t a =25 c v dd =400v i d =2a pulsed 4/6 2011.10 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
R8002ANX 0.0001 0.001 0.01 0.1 1 10 0.0001 0.001 0.01 0.1 1 10 100 1000 normalized transient thermal resistance : r t pulse width : pw (s) fig.13 normalized transient thermal resistance v.s. pulse width t a =25 c single pulse rth (ch - a) =64.2 c /w rth (ch - a) (t)=r(t) rth (ch - a) 10 100 1000 0 1 10 reverse recovery time : t rr [ns] source current : i s [a] fig.15 reverse recovery time vs. source current t a =25 c v gs =0v di/dt=100a/ m s pulsed 0.001 0.01 0.1 1 10 100 0.1 1 10 100 1000 drain current : i d [ a ] drain - source voltage : v ds [ v ] fig.14 maximum safe operating area t a =25 c single pulse operation in this area is limited by r ds(on) (v gs = 10v) p w = 100 s p w = 1ms p w = 10ms 5/6 2011.10 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
R8002ANX ? measurement circuits ? 2 f ig.1-1 switching time measurement circu it v gs r g v ds d.u.t. i d r l v dd fig.1-2 switching waveforms 90% 90% 90 % 10% 10% 50% 10% 50% v gs pulse width v ds t on t off t r t d(on) t f t d(off) f ig.2-1 gate charge measurement circuit v gs i g(const.) v d s d.u.t. i d r l v dd fig.2-2 gate charge waveform v g v gs charge q g q gs q gd fig.3-1 avalanche measurement circuit v gs r g v ds d.u.t. i as l v dd fig.3-2 avalanche waveform i as v dd v (br)dss i as 2 l e as = v (br)dss - v dd v (br)dss 1 2 6/6 2011.10 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
r 1 120 a ww w .rohm.com ? 20 1 1 rohm co., ltd. all rights reserved. notice rohm customer support system http://ww w . r ohm.com/contact/ thank you for your accessing to rohm p r oduct informations. mo r e detail p r oduct informations and catalogs a r e available, please contact us. notes


▲Up To Search▲   

 
Price & Availability of R8002ANX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X